PART |
Description |
Maker |
AS7C25512FT32_36A AS7C25512FT32A-10TQC AS7C25512FT |
2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 36 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 47Vz 5.5mA-Izt 0.05 5uA-Ir 35.8Vr DO41-GLASS 5K/REEL Sync SRAM - 2.5V 2.5V 512K x 32/36 flowthrough burst synchronous SRAM
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor ...
|
MX26C4000BTI-90 MX26C4000BQI-15 MX26C4000BQI-10 MX |
4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PDSO32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 120 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PQCC32 4M-BIT [512K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 512K X 8 FLASH 12V PROM, 90 ns, PDIP32 Switch Actuator; For Use With:18 Series Switches; Accessory Type:Spring Lever Actuator RoHS Compliant: Yes IC DRIVER 1/2BRDG LOW SIDE 16DIP DIODE SCHTTKY 150V 2X30A TO247AD
|
Macronix International Co., Ltd.
|
CY7C1049B CY7C1049B-17VC CY7C1049B-17VI CY7C1049B- |
512K x 8 Static RAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 20 ns, PDSO36 CIR 13C 13#12 SKT PLUG 512K X 8 STANDARD SRAM, 20 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 17 ns, PDSO36
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor] http://
|
TC55VD1636FF-133 |
512K Word x 36 Bit Synchronous No-turnround Static RAM(512K 字x36位同步无转向静RAM)
|
Toshiba Corporation
|
GS8160V36CGT-300 |
1M x 18 and 512K x 36 18Mb Sync Burst SRAMs 512K X 36 CACHE SRAM, 5 ns, PQFP100
|
GSI Technology, Inc.
|
HY29LV800 HY29LV800T-55 HY29LV800T-55I HY29LV800T- |
8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory 8兆位00万x 8/512K × 16)低压快闪记忆体
|
Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
TC554001FTI-85 TC554001FTI-10 |
512K word x 8 Static RAM(512K x 8 静RAM) 12k字8静态存储器(为512k字8静态RAM)的
|
Toshiba Corporation Toshiba, Corp.
|
CY14B104L-BA15XCT CY14B104L-BA15XI |
4 Mbit (512K x 8/256K x 16) nvSRAM 512K X 8 NON-VOLATILE SRAM, 15 ns, PBGA48
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY7C1012AV33-10BGI CY7C1012AV33-8BGI CY7C1012AV33 |
512K x 24 Static RAM 512K X 24 STANDARD SRAM, 8 ns, PBGA119
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|